Part Number Hot Search : 
ATTINY8 TIP11 100EP TM32F103 7E375 1018068 RD10ES IRFP4710
Product Description
Full Text Search
 

To Download SMBJ22A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5V0(C)A - SMBJ170(C)A
Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
Features * * * * *
Glass passivated junction. 600W Peak Pulse Power capability on 10/1000 s waveform. Excellent clamping capability. Low incremental surge resistance. Fast response time; typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0 ns for bidirectional. Typical IR less than 1.0 A above 10V.
SMB/DO-214AA
COLOR BAND DENOTES CATHODE ON UNIDIRECTIONAL DEVICES ONLY. NO COLOR BAND ON BIDIRECTIONAL DEVICES.
*
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix. - Electrical Characteristics apply in both directions.
600 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
Symbol
PPPM IPPM IFSM Tstg TJ
TA = 25C unless otherwise noted
Parameter
Peak Pulse Power Dissipation on 10/1000 s waveform Peak Pulse Current on 10/1000 s waveform Non-repetitive Peak Forward Surge Current superimposed on rated load (JEDEC method) Storage Temperature Range Operating Junction Temperature
(Note 1)
Value
600 see table 100 -55 to +150 + 150
Units
W A A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave or equivalent square wave; Duty cycle = 4 pulses per minute maximum.
2003 Fairchild Semiconductor Corporation
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
SMBJ5V0(C)A - SMBJ170(C)A
Transient Voltage Suppressors
(continued)
Electrical Characteristics
Uni-directional Bi-directional (C) Device Part Marking*
TA = 25C unless otherwise noted
Reverse Stand-off Voltage V RWM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
Breakdown Voltage V BR (V) min 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 max 7.0 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.8 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104.0 111.0 123.0 135.0 147.0 159.0 185.0 197.0 209.0
Test Current I T (mA)
Clamping Voltage @I PPM V C (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0
Peak Pulse Current I PPM (A) 65.2 58.3 53.6 50.0 46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.9 24.6 23.1 21.7 20.5 18.5 16.9 15.4 14.3 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.8 7.3 6.9 6.4 6.2 5.8 5.3 5.0 4.8 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2
Reverse Leakage @ V RWM I R (uA)** 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
SMBJ5V0(C)A SMBJ6V0(C)A SMBJ6V5(C)A SMBJ7V0(C)A SMBJ7V5(C)A SMBJ8V0(C)A SMBJ8V5(C)A SMBJ9V0(C)A SMBJ10(C)A SMBJ11(C)A SMBJ12(C)A SMBJ13(C)A SMBJ14(C)A SMBJ15(C)A SMBJ16(C)A SMBJ17(C)A SMBJ18(C)A SMBJ20(C)A SMBJ22(C)A SMBJ24(C)A SMBJ26(C)A SMBJ28(C)A SMBJ30(C)A SMBJ33(C)A SMBJ36(C)A SMBJ40(C)A SMBJ43(C)A SMBJ45(C)A SMBJ48(C)A SMBJ51(C)A SMBJ54(C)A SMBJ58(C)A SMBJ60(C)A SMBJ64(C)A SMBJ70(C)A SMBJ75(C)A SMBJ78(C)A SMBJ85(C)A SMBJ90(C)A SMBJ100(C)A SMBJ110(C)A SMBJ120(C)A SMBJ130(C)A SMBJ150(C)A SMBJ160(C)A SMBJ170(C)A
KE KG KK KM KP KR KT KV KX KZ LE LG LK LM LP LR LT LV LX LZ ME MG MK MM MP MR MT MV MX MZ NE NG NK NM NP NR NT NV NX NZ PE PG PK PM PP PR
10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
* Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices. ** For bidirectional parts with VRWM<10V, the IR max limit is doubled.
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
SMBJ5V0(C)A - SMBJ170(C)A
Transient Voltage Suppressors
(continued)
Typical Characteristics
Peak Pulse Power Rating Curve
100
100
Pulse Derating Curve
PULSE POWER (kW)
TA = 25 C
10
PULSE POWER (%)
75
50
1
25
0.1 0.0001
0
0.001
0.01 0.1 PULSE WIDTH (ms)
1
10
0
25
50 75 100 125 150 175 AMBIENT TEMPERATURE ( C)
200
Pulse Waveform
150 PEAK PULSE CURRENT (%)
tf = 10sec Peak Value Ippm TA = 25 C Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of Ipp
Junction Capacitance
6000 4000 2000 CAPACITANCE (pF) 1000 500 200 100 50 20
Measured at Stand-Off Voltage (V mw) TA = 25 C f = 1.0 MHz Visg = 50m Vp-p Measured at Zero Bias
100
Half Value-Ipp 2
50
10/1000sec Waveform as Defined by R.E.A. e-kt td
0
0
1
2 TIME (ms)
3
4
10
1
5 10 50 REVERSE VOLTAGE (V)
100
200
Non-Repetitive Surge Current
200 FORWARD SURGE CURRENT (A)
T A = T Amax 8.3ms Single Half Sine-Wave JEDEC Method
100
50
20
10
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx FACT ActiveArray FACT Quiet Series Bottomless FASTa CoolFET FASTr CROSSVOLT FRFET DOME GlobalOptoisolator EcoSPARK GTO E2CMOSTM HiSeC EnSignaTM I2C Across the board. Around the world. The Power Franchise Programmable Active Droop
DISCLAIMER
ImpliedDisconnect PACMAN POP ISOPLANAR Power247 LittleFET PowerTrencha MicroFET QFET MicroPak QS MICROWIRE QT Optoelectronics MSX Quiet Series MSXPro RapidConfigure OCX RapidConnect OCXPro SILENT SWITCHERa OPTOLOGICa SMART START OPTOPLANAR
SPM Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogica TruTranslation UHC UltraFETa VCX
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I2


▲Up To Search▲   

 
Price & Availability of SMBJ22A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X